Part Number Hot Search : 
DH71004 NTE744 PUMH15 664TB DH71004 SF1605CT 2SD1918 PD75P
Product Description
Full Text Search
 

To Download MBRF30L45CTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 mbr30l45ctg, MBRF30L45CTG switchmode ? power rectifier 45 v, 30 a features and benefits ? low forward voltage ? low power loss/high efficiency ? high surge capacity ? 150 c operating junction temperature ? 30 a total (15 a per diode leg) ? guard ? ring for stress protection applications ? power supply ? output rectification ? power management ? instrumentation mechanical characteristics: ? case: epoxy, molded ? epoxy meets ul 94 v ? 0 @ 0.125 in ? weight (approximately): 1.9 grams ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube ? this is a pb ? free device* maximum ratings dual schottky barrier rectifiers 30 amperes, 45 volts 1 3 2, 4 www.kersemi.com device package shipping ordering information marking diagrams b30l45 = device code a = assembly location y = year ww = work week aka = polarity designator g = pb ? free device MBRF30L45CTG to ? 220fp (pb ? free) 50 units/rail to ? 220 case 221a plastic 3 1 2 4 ayww b30l45g a k a to ? 220 case 221d style 3 b30l45g yww mbr30l45ctg to ? 220 (pb ? free) 50 units/rail
mbr30l45ctg, MBRF30L45CTG www.kersemi.com 2 maximum ratings (per diode leg) rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 45 v average rectified forward current (rated v r ) t c = 137 c i f(av) 15 a peak repetitive forward current (rated v r , square wave, 20 khz) i frm 30 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 190 a operating junction temperature (note 1) t j ? 55 to +150 c storage temperature t stg  55 to +175 c voltage rate of change (rated v r ) dv/dt 10,000 v/  s esd ratings: machine model = c human body model = 3b > 400 > 8000 v thermal characteristics maximum thermal resistance (mbr30l45ctg) junction ? to ? case junction ? to ? ambient (MBRF30L45CTG) junction ? to ? case r  jc r  ja r  jc 1.9 45 2.2 c/w electrical characteristics (per diode leg) maximum instantaneous forward voltage (note 2) (i f = 15 a, t c = 25 c) (i f = 15 a, t c = 125 c) (i f = 30 a, t c = 25 c) (i f = 30 a, t c = 125 c) v f 0.50 0.44 0.61 0.60 v maximum instantaneous reverse current (note 2) (rated dc voltage, t c = 25 c) (rated dc voltage, t c = 125 c) i r 0.65 250 ma
mbr30l45ctg, MBRF30L45CTG www.kersemi.com 3 typical characteristics figure 1. typical forward voltage figure 2. maximum forward voltage v f , instantaneous forward voltage (v) 0.9 0.7 0.6 0.5 0.3 0.2 0.1 0 0.1 1 10 figure 3. typical reverse current figure 4. maximum reverse current v r , reverse voltage (v) 50 35 30 25 15 10 5 0 1e ? 04 1e ? 03 1e ? 02 1e ? 01 1e+00 figure 5. current derating t c , case temperature ( c) 155 145 140 125 120 110 105 100 0 5 15 20 i f , instantaneous forward current (a) i r , reverse current (a) i f , average forward current (a) 0.4 100 150 c 125 c 25 c 150 c 125 c 25 c 20 40 45 130 115 135 10 square wave dc 0.8 75 c v f , maximum forward voltage (v) 0.9 0.7 0.6 0.5 0.3 0.2 0.1 0 0.1 1 10 i f , instantaneous forward current (a) 0.4 100 150 c 125 c 25 c 0.8 75 c 1e ? 05 75 c v r , reverse voltage (v) 50 35 30 25 15 10 5 0 1e ? 04 1e ? 03 1e ? 02 1e ? 01 1e+00 i r , reverse current (a) 150 c 125 c 25 c 20 40 45 1e ? 05 75 c 150 25 30
mbr30l45ctg, MBRF30L45CTG www.kersemi.com 4 typical characteristics figure 6. forward power dissipation figure 7. typical capacitance v r , reverse voltage (v) 40 35 25 20 15 10 5 0 100 1000 10000 c, capacitance (pf) 45 30 i o , average forward current (a) 30 25 15 10 5 0 0 4 8 p fo , average power dissipation (w) 20 24 square wave 12 16 20 28 dc 2 6 22 10 14 18 26 r(t), transient thermal resistance figure 8. thermal response junction ? to ? ambient for mbr30l45ctg 1000 0.1 0.00001 t 1 , time (sec) 1 0.0001 0.001 0.01 1 10 100 0.000001 0.1 10 100 p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 d = 0.5 single pulse 0.2 0.1 0.05 0.01 r(t), transient thermal resistance figure 9. thermal response junction ? to ? case for mbr30l45ctg 1000 0.1 0.00001 t 1 , time (sec) 10 0.01 0.0001 0.001 0.01 1 10 100 0.000001 0.1 1 p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 d = 0.5 single pulse 0.2 0.1 0.05 0.01 0.01
mbr30l45ctg, MBRF30L45CTG www.kersemi.com 5 r(t), transient thermal resistance figure 10. thermal response junction ? to ? case for MBRF30L45CTG 1000 0.1 0.00001 t 1 , time (sec) 0.1 0.0001 0.001 0.01 1 10 100 0.000001 0.01 1 10 p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 d = 0.5 single pulse 0.2 0.1 0.05 0.01 0.001
mbr30l45ctg, MBRF30L45CTG http://onsemi.com 6 package dimensions to ? 220 case 221a ? 09 issue af notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.161 3.61 4.09 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.014 0.025 0.36 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 --- 1.15 --- z --- 0.080 --- 2.04 b q h z l v g n a k f 123 4 d seating plane ? t ? c s t u r j to ? 220 fullpak case 221d ? 03 issue k style 3: pin 1. anode 2. cathode 3. anode dim a min max min max millimeters 0.617 0.635 15.67 16.12 inches b 0.392 0.419 9.96 10.63 c 0.177 0.193 4.50 4.90 d 0.024 0.039 0.60 1.00 f 0.116 0.129 2.95 3.28 g 0.100 bsc 2.54 bsc h 0.118 0.135 3.00 3.43 j 0.018 0.025 0.45 0.63 k 0.503 0.541 12.78 13.73 l 0.048 0.058 1.23 1.47 n 0.200 bsc 5.08 bsc q 0.122 0.138 3.10 3.50 r 0.099 0.117 2.51 2.96 s 0.092 0.113 2.34 2.87 u 0.239 0.271 6.06 6.88 seating plane ? t ? u c s j r notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch 3. 221d-01 thru 221d-02 obsolete, new standard 221d-03. ? b ? ? y ? g n d l k h a f q 3 pl 123 m b m 0.25 (0.010) y www.kersemi.com 6


▲Up To Search▲   

 
Price & Availability of MBRF30L45CTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X